PART |
Description |
Maker |
STR710FZ2H6 STR711FR2H6 STR710FZ1 STR710FZ1H6 STR7 |
ARM7TDMI™ 16/32-BIT MCU WITH FLASH, USB, CAN, 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES ARM-Based Flash microcontrollers with USB and CAN ARM7TDMI-S™ 32-BIT MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN ARM-Based Flash microcontrollers with CAN
|
ST Microelectronics
|
LPC2210 LPC2210FBD144 |
16/32-bit ARM microcontroller with 10-bit ADC and external memory interface
|
PHILIPS[Philips Semiconductors]
|
LPC2292FBD144 |
16-32-bit ARM microcontrollers; 256 kB ISP-IAP flash with CAN, 10-bit ADC and external memory interface
|
NXP Semiconductors N.V.
|
LPC2212FBD144 LPC221211 LPC2214FBD101 LPC2212FBD10 |
Single-chip 16/32-bit ARM microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC
|
NXP Semiconductors
|
LPC2294 LPC2292FET144/00 LPC2292FET144/01 LPC2292F |
16/32-bit ARM microcontrollers; 256 kB ISP/IAP flash with CAN, 10-bit ADC and external memory interface
|
NXP Semiconductors
|
STM32F205ZC STM32F207XX STM32F205RC STM32F205VC ST |
ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/128 4KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera STM32F205RET6VTR ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/128 4KB RAM
|
STMicroelectronics
|
LPC2214 LPC2214FBD144 LPC2212 LPC2212FBD144 |
16/32-bit ARM microcontrollers; 128/256 kB ISP/IAP Flash with 10-bit ADC and external memory interface
|
PHILIPS[Philips Semiconductors]
|
STM32F101C6 STM32F101C8 STM32F101R6 STM32F101R8 ST |
Access line, advanced ARM-based 32-bit MCU with Flash memory, six 16-bit timers, ADC and seven communication interfaces
|
STMicroelectronics
|
W90N745CD |
16/32-bit ARM microcontroller
|
Winbond
|
LPC2292 LPC2292FBD144 LPC2294JBD LPC2294 LPC2294JB |
16/32-bit ARM microcontrollers 256 kB ISP/IAP Flash with CAN 10-bit ADC and external memory interface 16/32-bit ARM microcontrollers 256 kB ISP/IAP Flash with CAN, 10-bit ADC and external memory interface
|
PHILIPS[Philips Semiconductors]
|
LPC810M021FN8 LPC811M001JDH16 LPC812M101JD20 LPC81 |
32-bit ARM? Cortex?-M0 microcontroller
|
NXP Semiconductors
|